|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Iris Reader BM-ET200 Combination high-speed capture engine and two mirrors for rapid, high-accuracy recognition. www..com MAJOR OPERATING CONTROLS APPEARANCE Front & Side View 2 1 10 BM-ET200 SPECIFICATIONS General Power source *1 Power consumption Ambient operating temperature Ambient operating humidity Dimensions Weight Interface Network Network protocol Available card reader for Iris on card system PAL 9 3 4 8 7 6 77 203 12 V DC/24 V DC Max. 24 W 0 C to +40 C 30 % to 90 % 203 mm (W) x 190 mm (H) x 77 mm (D) 0.9 kg (this iris reader only) Wiegand, RS-485 10 Base-T/100 Base-TX (Auto negotiation) TCP/IP RWK400 (Manufactured by HID Corporation) 190 5 11 Input/Output Iris Reader (BM-ET200) Recognition start trigger input Recognition result output1 (ACCEPT) Audio Output (Preamplifier) High speed serial interface Interface Board (BM-ETA201) (optional) Dimensions Alarm output1 (tamper detection) Alarm output2 (power status) Recognition result output2 (REJECT) 34 0 V to 5 V, 24 mA (Max), Active low, Pulse width: 200 ms or more make contact output, Normally Open, Pulse width: 0.1 s to 60 s, 24 V DC, 100 mA, ON-Resistance 6 Stereo mini plug (o3.5 mm)(10 k, 100 mV[P-P]) Numeric Key, External memory (*5) Bottom View 12 1 2 3 4 5 6 7 8 9 10 11 12 Distance Indicator Front Panel Mirrors Eye Image Capturing Cameras Audio Volume Controller Video Surveillance Camera (Option) Speaker Results Indicator Tilt Handles Live Indicator Front Cover High Speed Serial Interface 52 46 Unit : mm RECOMMENDED SMART CARD READERS AND WRITERS Applicable products Manufacturer Smart Card Writer Smart Card Product / Product No. HID Corporation Ltd. RWK400 RW400 RFIDeas, Inc. RFID1356i (USB and RS-232) HID Corporation Ltd. 2001, 2011, 2021, 2031, 2041, 2051, 2061 65 mm (W) x 76 mm (H) x 31 mm (D) Open collector output, Normally Open, Active low, 24 V DC, 24 mA Open collector output, Normally Close (Low level), 24 V DC, 24 mA Open collector output, Normally Open, Active low, Pulse width: 0.1 s to 60 s, 24 V DC, 24 mA Buzzer input: 0 V to 5 V, 24 mA (Max), Active low, Pulse width: 200 ms or more Time adjust input 0 V to 5 V, 24 mA (Max), Active low, Pulse width: 100 ms or more (*7) Interface (card reader) Wiegand, RS-485 (Either can be selected.) Wiegand power output (card reader) 5 V DC, 100 mA max. Wiegand DATA0 input(card reader) 0 V to 5 V DC, 25 mA max., Active low Wiegand DATA1 input (card reader) 0 V to 5 V DC, 25 mA max., Active low RS-485 (A), (B) (card reader) Differential input: 0.2 V or more, Differential output: 2 V or more (When termination is ON) (*6) Interface (access control panel) Wiegand, RS-485 (Either can be selected.) Wiegand power input (access control panel) 5 V DC (No connection available) Wiegand DATA0 output (access control panel) 0 V to 5 V DC, 25 mA max., Active low Wiegand DATA1 output (access control panel) 0 V to 5 V DC, 25 mA max., Active low Wiegand ACCEPT-LED input (access control panel) 0 V to 5 V, 24 mA (Max.), Active low, Pulse width: 200 ms or more Wiegand REJECT-LED input (access control panel) 0 V to 5 V, 24 mA (Max.), Active low, Pulse width: 200 ms or more RS-485 (A), (B) (access control panel) Differential input: 0.2 V or more, Differential output: 2 V or more (When termination is ON) (*6) Video Surveillance Camera (BM-ETC202) (optional) Video Output 1 V [P-P] PAL composite 75 BNC connector 20.3 83.5 Function * In regard to details of the Smart Card Writer and the Smart card, refer to the respective instruction manuals attached to merchandise. * When a card writer is connected and a USB-RS-232C conversion connector is used, the system may not operate normally. * The USB connections are applicable to Windows(R) XP only. Operation is impossible with Windows(R) 2000. Iris recognition time Approx. 0.3 seconds (After iris image capturing until the recognition result is output) (*2) Approx. 5 seconds (Server certification. After iris image capturing until the recognition result is output) (*3) Approx. 30 cm to 40 cm between the eyes and the mirror Stand alone mode : 50 users max. Network mode : 5,025 users max. (*4) 10,025 users max. 14 languages supported (English, German, French, Spanish, Italian, Russian, Chinese, Korean, Portuguese, Turkish, Arabic, Dutch, Swedish, and Japanese) Mute, Simple (recognition result), and Full (voice guidance and recognition result) selectable Lighting of the lamp indicates the proper distance between the user and the main body. Blinking, On, and Off selectable Horizontal: 115 Vertical: 85 (Fixed) Tamper detection switch, Iris data encryption *2 The recognition time may differ depending on recognition condition. *3 The recognition time may differ depending on capturing conditions, network conditions, or the total number of enrolled users. *4 User Licence Software BM-EU30000 Series (option) is required. *5 Refer to the dealer for available external devices. *6 Our exclusive protocol is employed. *7 Refer to the dealer for available external devices. Eye image capturing range Total number of users enrolled BM-ET200 Iris server Voice guidance PRODUCT CONFIGURATION Iris Reader Interface Board Administration Software BM-ET200 BM-ETA201 (optional) BM-ES200 Distance indicator User License Software BM-EU30100 (for 100 Users) Video Surveillance Camera BM-EU31000 (for 1,000 Users) Live indicator Angular field view (Video surveillance camera: BM-ETC202) Security function BM-ETC202 (optional) BM-EU33000 (for 3,000 Users) *1 The third-party external power-supply should meet the following specifications, and must be a UL Listed access control power limited device. Output voltage Output current capacity 12 V DC 0.5 V 1.2 A or more 24 V DC 0.5 V 0.6 A or more Rated ripple voltage/Ripple noise: 150 mV [P-P] or less Overcurrent protection: Enabled (mandatory) BM-EU35000 (for 5,000 Users) * Private ID, and KnoWho are trademarks of Iridian Technologies, Inc., USA. * iCLASS is a registered trademark of HID Corporation. * Windows(R) 2000 Professional, or Windows(R) XP Professional are registered trademarks of Microsoft Corporation in the USA and / or other countries. * All other trademarks are the property of their respective copyright holders. Important - Safety Precaution: carefully read the operating instructions and installation manual before using this product. - Panasonic can not be responsible for network performance and/or other manufacturer products that reside on the network. * All photographs and menu are simulated and shown for the purpose of explanation. * Weights and dimensions are approximate. * Specifications are subject to change without notice. * This product is subject to export control regulations. DISTRIBUTED BY: Panasonic System Solutions Company Matsushita Electric Industrial Co.,Ltd. 4-3-1,Tsunashima-higashi, Kohoku-ku, Yokohama, 223-8639, Japan Tel 81(0)45-540-5769 Fax 81(0)45-540-5773 URL http://panasonic.co.jp/pss/cctv/en/ index.html www..com Panasonic is the brandname of Matsushita Electric. Printed in Japan BM-JKET200C(2N-770) Simple to configure and easy-to-use Iris Reader with recognition results in 0.3 seconds * *Time required for recognition in a normal, ready-to-recognize condition after the eyes are aligned with the main unit mirrors. SYSTEM DIAGRAMS Network system Integrates with Wiegand-compatible Systems Compatible with standard Wiegand interface protocol access control systems thus offering flexible system configuration. Legacy PROX cards are also supported.* *Most card formats are supported-please check with your local Panasonic sales office. Maximum system specification Maximum number of iris readers Local matching 256 units 5,025 users Number of users that can be registered 10,025 users The BM-ET200 offers more-accurate, faster, non-contact entry/exit control utilizing biometric technology for iris recognition. The system can be used to check IDs in a variety of applications, including airports and entry/exit control for many types of industries. *To handle the protocol, it is necessary to install the BM-ETA201 optional board (sold separately). LAN Connection Wiegand Connection RS-485 Connection Card Reader Recognition Reader BM-ET200 Access Control Panel Smart Card Fast, high-speed capture engine developed to obtain recognition in only 0.3 seconds Panasonic developed a unique high-speed capture engine that obtains recognition in only 0.3 seconds after eye position alignment with the mirrors. If recognition is not achieved the first time, the operation is automatically repeated at high prompting speeds. Recognition Reader BM-ET200 Distance indicator Lighting of the lamp indicates the proper capture distance between the user and the BM-ET200. Iris Server DB DB Smart Card Writer Smart Card Card Reader Access Control Server Electric Lock Mirrors (Dual) Adjusts the eye position when registering or recognizing eyes. Administration Software Dual-mirror configuration makes eye alignment easy Eye image capturing cameras Located behind the mirrors, the camera captures images of the irises. Card Reader Enrollment Reader BM-ET200 Enrollment Reader BM-ET200 Smart Cards The iris data on an ID card is compared with the captured image to allow access. Smart cards provide application flexibility and do not require a central database. *To handle the protocol, it is necessary to install the BM-ETA201 optional board (sold separately). DB Recognition Reader BM-ET200 Live indicator Two mirrors are mounted on the front panel. Eye position is less likely to be out of side to side alignment, making recognition easier. Positioning of either the left or right eye is simplified. The light indicates the current operating condition. DB Recognition Reader BM-ET330* Access Control Panel Card Reader Electric Lock Results indicator The lamp lights when recognition is complete. *The existing BM-ET330 system can be connected to the BM-ET200 system after upgrading the management software to BM-ES200 without changing existing data. A distance guide indicator informs the user of proper iris capture distance To adjust the camera for the most optimal eye distance, both voice instructions and a distance indicator lamp guide provide user guidance so the correct capture position is achieved. Distance Too close Suitable Too far Please move a little closer Number of lighting lamps Voice guidance Please move back a little Stand alone system Tamper Detection The tamper protection feature prevents data from being extracted from the system. An audible alarm is triggered via the integrated tamper switches. Alarm signals are also transmitted to the access control system and Administration Server. Set up PC LAN LAN connection Door control box Recognition Reader BM-ET200 Make contact connection clear = 8 5 2 , / 9 6 3 . * - Numeric key connection 7 4 1 0 + Numeric key enter Iris Reader BM-ET200 Voice guidance recognition procedure The camera unit swivels up and down The angle of the two embedded cameras can be adjusted to accommodate users from 152 cm to 180 cm. Taller users can simply bend over to use the system. Upside limit of the eye position 25 User License Included Iris data for up to 25 users can be registered with the Base Administration Software BM-ES200 within the network mode. With additional (optional) user licenses, the system can register and manage iris data for up to 10,025 users. Contact Panasonic directly for systems requiring more than 10,025 users. Up to 50 users are included in the stand alone mode. 50 user licenses included in the BM-ET200 in stand alone mode cannot be used in a network mode. For large and small systems Flexible registration software supports incremental users. User License Software; BM-EU30000 Series comes in four key sizes: for 100 users, 1,000 users, 3,000 users, or 5,000 users. Easy operation and management from a iris server, all settings, registrations, updates, and information confirmation can be controlled from a PC display. Capitalize 'Menu' to be consistent with others Environment Setting Menu High security, with false acceptance rate of 1 in 1.2 million* Iris recognition uses individual differences in the complex patterns found within the iris of the human eye to Retina authenticate individual identities. Lens Iris Iris recognition is the most precise of all biometric identification systems. The false acceptance rate is so low that the probability of falsely identifying one individual as another is virtually zero. A speaker on the front cover offers voice guidance for operational assistance and recognition results. Fourteen languages can be selected for each iris reader. Supported languages: English, French, German, Spanish, Italian, Turkish, Arabic, Chinese, Korean, Russian, Portuguese, Dutch, Swedish, and Japanese. Access log can be searched by time Using the time of image capture stored in the camera, you can search the access log of a specific user for the specified time. 1,678 mm Iris Image Display User Information Menu Three settings for voice guidance www..com Simple : Only recognition results are announced. F u l l : Voice guidance such as ''Please move a little closer'' and ''Please move back a little'' and also recognition results are given. M u t e : No voice guidance. 45 Downside limit of the eye position APPLICATIONS * Police * Prisons * Courts * Any and all security applications 1,395 mm 300 mm 400 mm Iris Characteristics * An extremely complex pattern that differs even between identical twins. * Patterns stabilize between six months and two years of age and then remain unchanged for life. * They are extremely difficult to imitate. "RECOGNIZING PERSONS BY THEIR IRIS PATTERNS" by Dr.John Daugman, University of Cambridge. Bottom of camera unit Offices Data centre, material storage, safes, executive offices, secure meeting rooms Laboratories and factories Financial institutions Lifeline facilities Traffic control centers Expressway administration centres, railroad dispatcher rooms Airport and harbor facilities Staff gates, Immigration, workshops 1,240 mm 0 12 Drug or dangerous materials Safes, safety deposit box rooms Power generator rooms, dam storage rooms, night or holiday management offices, gas entry control company control rooms |
Price & Availability of BM-ET202 |